Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTFC270101M-V1-R1K Datasheet(PDF) 19 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 19 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 14Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 15Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 16Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 17Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 18Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 19Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 20Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 21Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 22Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
19
PTFC270101M
Assembly diagram for reference circuit LTN/PTFC270101M E3, 2600 MHz (not to scale)
Reference Circuit, 2620 – 2690 MHz
DUT
PTFC270101M V1
Reference Circuit No.
LTN/PTFC270101M E3
Order Code
LTNPTFC270101ME3TOBO1
PCB
Rogers RO4350, 0.508 mm [.020"] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this reference fixture on the Wolfspeed Web site at
www.wolfspeed.com/RF
C102
C106
C101
C103
C104
C105
R102
C110
C109
C107
C108
R106
R103
R105
R101
R104
RF_IN
RF_OUT
p t f c270 101m _ C D - 26 00_0 1- 2 3- 15
2600 MHZ
PTFC270101M_03_A
(73)
RO4350, .020
DUT
VDD
VGG
S3
S3
S1
S1
S2
S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com