Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTFC270101M-V1-R1K Datasheet(PDF) 12 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 12 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 10Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 11Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 12Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 13Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 14Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 15Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 16Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
12
PTFC270101M
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
920
2.5
3.8
16.3
3.0
940
2.5
4.0
16.3
3.2
960
2.5
4.3
16.3
3.4
Pulsed CW signal: 160 µsec, 10% duty cycle; 28 V, 120 mA
P1dB
Class AB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
920
2.02 + j3.96
13.8 – j1.0
24.0
42.3
16.98
62.3
15.7 + j8.1
26.0
40.7
11.75
70.1
940
2.78 + j4.60
15.2 – j2.1
23.7
42.1
16.22
60.5
17.5 + j8.4
25.7
40.3
10.72
67.8
960
2.22 + j3.69
16.1 – j3.3
23.4
42.2
16.6
57.7
16.5 + j8.1
25.7
40.3
10.72
65.8
Typical RF Performance, 920 – 960 MHz (cont.)
Load Pull Performance
6
18
30
42
54
66
78
14
16
18
20
22
24
26
24
28
32
36
40
44
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 120 mA, ƒ = 940 MHz
c270101m-900-gr5b
Gain
Efficiency
VDD = 24 V
VDD = 28 V
VDD = 32 V
6
18
30
42
54
66
78
14
16
18
20
22
24
26
24
28
32
36
40
44
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 120 mA, ƒ = 960 MHz
Gain
Efficiency
c270101m-900-gr5c
VDD = 24 V
VDD = 28 V
VDD = 32 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com