Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTFC270101M-V1-R1K Datasheet(PDF) 14 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 14 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 10Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 11Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 12Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 13Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 14Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 15Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 16Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 17Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 18Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
14
PTFC270101M
Components Information
Component
Description
Manufacturer
P/N
C101
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C102
Capacitor, 5.6 pF
ATC
ATC600F5R6JW250
C103, C104 C105,
C110
Capacitor, 56 pF
ATC
ATC100A560JW250
C106, C108, C109
Capacitor, .001 µF
Panasonic
ECJ-1VB1H102K
C107
Capacitor, 2.2 µF
TDK Corporation
C3225X7R1H225K250AB
R101, R102, R103,
R104, R110
Resistor, 10 ohms
Panasonic – ECG
ERJ-3GEYJ100V
R105, R108
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R106
Resistor, 1.1K ohms
Panasonic Electronic Components
ERJ-8GEYJ112V
R107
Resistor, 1.2K ohms
Panasonic Electronic Components
ERJ-3GEYJ122V
R109
Resistor, 1.3K ohms
Panasonic Electronic Components
ERJ-3GEYJ132V
S1
Potentiometer, 2k ohms
Bourns Inc.
3224W-1-202E
S2
Voltage Regulator
Texas Instruments
LM78L05ACM
S3
Transistor
Infineon Technologies
BCP56-10
Reference Circuit, 900 MHz (cont.)
See next page for 2600 MHz operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com