Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTFC270101M-V1-R1K Datasheet(PDF) 20 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 20 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 14Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 15Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 16Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 17Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 18Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 19Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 20Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 21Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 22Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
20
PTFC270101M
Components Information
Component
Description
Manufacturer
P/N
C101, C102, C103
Capacitor, 0.001 µF
Panasonic
ECJ-1VB1H102K
C104, C108, C109
Capacitor, 12 pF
ATC
ATC600S120JW250
C105
Capacitor, 2.2 µF
TDK Corporation
C3225X7R1H225K250AB
C106
Capacitor, 1 pF
ATC
ATC600S1R0CW250
C107
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C110
Capacitor, 0.3 pF
ATC
ATC600S0R3CW250
R101, R103
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R102
Resistor, 1.2K ohms
Panasonic Electronic Components
ERJ-3GEYJ122V
R104
Resistor, 1.3K ohms
Panasonic Electronic Components
ERJ-3GEYJ132V
R105
Resistor, 470 ohms
Panasonic Electronic Components
ERJ-8GEYJ471V
R106
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
S1
Potentiometer, 2k ohms
Bourns Inc.
3224W-1-202E
S2
Voltage Regulator
Texas Instruments
LM78L05ACM
S3
Transistor
Infineon Technologies
BCP56-10
Reference Circuit, 2620 – 2690 MHz (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com