Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA120252MT-V1-R1K Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTVA120252MT-V1-R1K
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120252MT-V1-R1K Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTVA120252MT-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PTVA120252MT
2
Rev. 04.1, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics (each side)
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
V
DSS
105
V
Gate-source Voltage
V
GS
–6 to +12
Operating Voltage
V
DD
0 to +55
Junction Temperature
T
J
225
°C
Storage Temperature Range
T
STG
–65 to +150
Parameter
Symbol
Value
Unit
Conditions
Thermal Resistance
R
qJC
2.6
°C/W
T
CASE = 70°C, 25 W CW
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain-Source Breakdown Voltage
V
BR(DSS)
105
—
—
V
V
GS = 0 V, IDS = 10 mA
Drain Leakage Current
I
DSS
—
—
1
µA
V
DS = 50 V, VGS = 0 V
—
—
10
V
DS = 105 V, VGS = 0 V
Gate Leakage Current
I
GSS
—
—
1
V
GS = 10 V, VDS = 0 V
On-State Resistance
R
DS(on)
—
2.8
—
W
V
GS = 10 V, VDS = 0.1 V
Operating Gate Voltage
V
GS
3
3.65
4
V
V
DS = 48 V, IDQ = 85 mA
Thermal Characteristics
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTVA120252MT V1 R1K
PTVA120252MT-V1-R1K
PG-SON-16, plastic package
Tape & Reel, 1000 pcs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com