Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA120252MT-V1-R1K Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA120252MT-V1-R1K
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120252MT-V1-R1K Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA120252MT-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 04.1, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTVA120252MT
Package Types: PG-SON-16
Features
• Unmatched
• Target CW performance 960 MHz, 48 V,
combined outputs
- Output power at P
1dB = 25 W
- Gain = 19.8 dB
- Efficiency = 64%
• Capable of handling 10:1 VSWR @ 48 V, 20 W CW
output power
• Integrated ESD protection
• Human Body Model class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
25 W, 48 V, 500 – 1400 MHz
Description
The PTVA120252MT LDMOS FET is a 25-watt LDMOS FET designed for use
in power amplifier applications in the 500 MHz to 1400 MHz frequency
band. Features include high gain and a thermally-enhanced, surface-mount
package. Manufactured with Wolfspeed’s advanced LDMOS process, this
device provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in a Wolfspeed production test fixture)
V
DD = 48 V, IDQ = 87 mA, POUT = 5.5 W average, ƒ = 960 MHz, 3GPP WCDMA signal, 3.84 MHz bandwidth, 10 dB PAR @0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Linear Gain
G
ps
18.5
19.5
—
dB
Drain Efficiency
h
D
28
31.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–33.5
–31
dBc
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-75
-50
-25
0
25
50
75
0
4
8
12
16
20
24
29
33
37
41
45
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 95 mA, ƒ = 960 MHz
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptva120252mt_g1


Similar Part No. - PTVA120252MT-V1-R1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120252MT INFINEON-PTVA120252MT Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
Rev. 03.4, 2017-02-07
logo
Cree, Inc
PTVA120252MT CREE-PTVA120252MT Datasheet
530Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
More results

Similar Description - PTVA120252MT-V1-R1K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA_16 Datasheet
1Mb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
Rev. 04.2, 2016-04-19
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
PTVA120252MT INFINEON-PTVA120252MT Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
Rev. 03.4, 2017-02-07
logo
Cree, Inc
PTVA120121M CREE-PTVA120121M Datasheet
530Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
PTVA120251EA CREE-PTVA120251EA Datasheet
876Kb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
PTVA120252MT CREE-PTVA120252MT Datasheet
530Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
PTVA127002EV CREE-PTVA127002EV Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 ??1400 MHz
logo
WOLFSPEED, INC.
PTVA120251EA WOLFSPEED-PTVA120251EA Datasheet
787Kb / 14P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
Rev. 06, 2023-07-10
PTVA127002EV WOLFSPEED-PTVA127002EV Datasheet
691Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
Rev. 05, 2023-07-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com