Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA120252MT-V1-R1K Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTVA120252MT-V1-R1K
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120252MT-V1-R1K Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PTVA120252MT-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PTVA120252MT
6
Rev. 04.1, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C104, C106
Capacitor, 75 pF
ATC
ATC100B750JW500XB
C102
Capacitor, 14 pF
ATC
ATC100B140KW500XB
C103
Capacitor, 2.2 pF
ATC
ATC100B2R2DW500XB
C105
Capacitor, 2.5 pF
ATC
ATC100B2R5CW500XB
R101, R103
Resistor, 200 ohms
Panasonic Electronic Components
ERJ-8GEYJ201V
R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
Output
C201, C203
Capacitor, 75 pF
ATC
ATC100B750JW500XB
C202
Capacitor, 2.0 pF
ATC
ATC100B2R0CW500XB
C204
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C801,C802, C803
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
R801
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R802
Resistor, 1.2K ohms
Panasonic Electronic Components
ERJ-3GEYJ122V
R803
Resistor, 1.3K ohms
Panasonic Electronic Components
ERJ-3GEYJ132V
R804
Resistor, 100 ohms
Panasonic Electronic Components
ERJ-8GEYJ101V
S1
Potentiometer 2K ohms Bourns Inc.
3224W-1-202E
S2
Voltage Regulator
Texas Instruments
LM78L05ACM
S3
Transistor
Infineon Technologies
BCP56



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com