Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA120252MT-V1-R1K Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTVA120252MT-V1-R1K
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120252MT-V1-R1K Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTVA120252MT-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTVA120252MT
5
Rev. 04.1, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference circuit assembly diagram (not to scale)
Evaluation Board, 925 – 960 MHz
C 801
C 803
R803
R802
C 802
R804
R801
C 204
C 201
R103
C 102
C 104
C 203
C 106
C 103
C 101
C 105
R101
C 202
R102
PTVA120252MT _02
RO4350, 30 MIL
(169)
RF_OUT
VDD
RF_IN
VGS
S1
S3
S2
Evaluation Board Part Number
LTN/PTVA120252MT-V1
PCB Information
Rogers 4350, 0.762 mm [0.030”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 925 – 960 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com