Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA120252MT-V1-R1K Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA120252MT-V1-R1K
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120252MT-V1-R1K Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA120252MT-V1-R1K Datasheet HTML 1Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 2Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 3Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 4Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 5Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120252MT-V1-R1K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PTVA120252MT
4
Rev. 04.1, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. Small Signal CW
Gain & Input Return Loss
10
20
30
40
50
60
70
14
16
18
20
22
24
26
27
31
35
39
43
47
Output Power (dBm)
CW Performance
at various VDD
IDQ = 95 mA, ƒ = 960 MHz
VDD = 44 V
VDD = 48 V
VDD = 52 V
Gain
Efficiency
ptva120252mt_g6
-12
-10
-8
-6
-4
-2
12
14
16
18
20
22
870
895
920
945
970
995
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ = 95 mA
IRL
Gain
ptva120252mt_g7
10
20
30
40
50
60
70
14
16
18
20
22
24
26
27
31
35
39
43
47
Output Power (dBm)
CW Performance
at various VDD
IDQ = 95 mA, ƒ = 960 MHz
VDD = 44 V
VDD = 48 V
VDD = 52 V
Gain
Efficiency
ptva120252mt_g6
-12
-10
-8
-6
-4
-2
12
14
16
18
20
22
870
895
920
945
970
995
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ = 95 mA
IRL
Gain
ptva120252mt_g7
Load Pull Performance
Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 40 mA
P
1dB
Max Output Power
Max PAE
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
791
3.12+j7.44
18.94+j8.73
20.85
45.06
32.06
60.1
10.67+j26.27 23.27
41.79
15.10
70.8
821
3.2+j7
18.77+j9.38
20.54
45.03
31.84
59.7
10+j25.7
22.94
41.76
15.00
69.8
869
3.08+j6.56
20.14+j8.78
19.75
44.95
31.26
58.0
14.39+j21
21.46
43.59
22.86
68.0
894
3.02+j6.56
19.72+j9.41
19.41
44.79
30.13
57.5
9.22+j25.02
21.61
41.69
14.76
68.2
925
2.9+j6.12
20.67+j9.26
18.85
45.06
32.06
57.6
14.61+j21.69 20.44
43.55
22.65
66.0
960
2.86+j5.68
18.72+j9.45
18.2
44.80
30.20
55.6
9.75+j23.93
20.24
42.07
16.11
65.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com