Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD161401W/P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD161401W/P
Description  MOS INTEGRATED CIRCUIT
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161401W/P Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD161401W/P Datasheet HTML 1Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 2Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 3Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 4Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 5Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 6Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 7Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 8Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001
MOS INTEGRATED CIRCUIT
µµµµ PD161401
256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
DATA SHEET
Document No.
S15726EJ2V0DS00 (2nd Edition)
Data Published
June 2002 NS CP(K)
Printed in Japan
DESCRIPTION
The
µPD161401 is an LCD controller/driver with RAM and is capable of driving a full-dot LCD. It can display 256
colors on an RGB-STN color LCD. This LCD controller/driver can drive a full-dot LCD of up to 101
× 80 pixel with a
single chip.
FEATURES
• LCD driver with on-chip display RAM
• Logic power supply operation from +1.8 V to +3.6 V
• Internal booster circuit: x 2 to x 7 selectable
• Dot display RAM: (101 x 80) x 8 bits
• 8 (R, G)/4 (B) grayscales selectable from 17 levels
• Full-dot output: 303 segment lines and 80 common lines
• Serial interface (SI, SCL) or 8-/16-bit parallel data input (i80 or M68 system interface)
• On-chip voltage divider resistor
• Selectable bias value: 1/9 to 1/5
• Selectable duty ratio: 1/80, 1/72 and 1/64 (main duty)
• On-chip oscillator
ORDERING INFORMATION
Part Number
Package
µPD161401W/P
Wafer/Chip (supports COF)
Remark Purchasing the above chip entail the exchange of documents such as a separate memorandum or product
quality, so please contact one of our sales representatives.
The mark 5 shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com