Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD161401W/P Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # UPD161401W/P
Description  MOS INTEGRATED CIRCUIT
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161401W/P Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button UPD161401W/P Datasheet HTML 72Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 73Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 74Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 75Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 76Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 77Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 78Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 79Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
Data Sheet S15726EJ2V0DS
74
µµµµPD161401
6.17 COM Scanning Address Setting Register (R21)
This command specifies that scanning of the common outputs can be started from any of the On (n = 1 to 80) output
pins. Set the CSA4 to CSA0 bits as shown in Table 6
−−−−11 (1/2). The scan start pin can be specified by the value n
obtained from this table and the selected duty shown in Table 6
−−−−11 (2/2). The common wiring on the LCD panel can be
optimized according to the selected duty.
Tables 6
−−−−12, 6−−−−13, and 6−−−−14 indicate examples of the COM scan address settings for 1/64 duty, 1/72 duty, and 1/80
duty.
RS
D7
D6
D5
D4
D3
D2
D1
D0
1
CSA4
CSA3
CSA2
CSA1
CSA0
Table 6
−−−−11. COM Scanning Address Setting Register (1/2)
CSA4
CSA3
CSA2
CSA1
CSA0
n
00
000
1
00
001
2
00
010
3
01
110
15
01
111
16
10
000
17
1
0
0
0
1
Other settings prohibited
Table 6
−−−−11. COM Scanning Address Setting Register (2/2)
COMR = 0
COMR = 1
Scanning start
(COM1) pin
→
Scanning end
(COMa)
Note pin
Scanning start
(COM1) pin
→
Scanning end
(COMa)
Note pin
On
→
O(n+a
−1) Note
O(82
−a−n)
→
O(80
−n+1) Note
Note a = 64: 1/64 duty
a = 72: 1/72 duty
a = 80: 1/80 duty
Caution Set the COM scan address setting register so that the scan start pin and scan end pin satisfy the
equation below. If a value that exceeds this condition is set, the
µµµµPD161401 operation is not
guaranteed.
O1
≤≤≤≤ Scan start pin and scan end pin ≤≤≤≤ O80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com