| Electronic Components Datasheet Search |
|
UPD161401W/P Datasheet(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD161401W/P Datasheet(HTML) 67 Page - Renesas Technology Corp |
|
67 / 126 page ![]() Data Sheet S15726EJ2V0DS 65 µµµµPD161401 6.2 Control Register 2 (R1) This command specifies the general operation mode of the µPD161401. RS E /RD R,/W /WR D7 D6 D5 D4 D3 D2 D1 D0 1 1 0 FDM BMOD DTY INC XDIR YDIR FDM Sets all screen display modes. 0: Normal operation 1: All screen display (Turns ON all screens [outputs grayscale level 16 to all screens].) BMOD Selects data length when parallel data is input. 0: 16-bit data bus 1: 8-bit data bus DTY 0: Main duty display mode 1: Sub-duty display mode INC Note 0: Increments/decrements X address each time it is accessed. 1: Increments/decrements Y address each time it is accessed. XDIR Note Specifies the direction in which the X address is to be accessed. 0: Increment (+1) 1: Decrement (-1) YDIR Note Specifies the direction in which the Y address is to be accessed. 0: Increment (+1) 1: Decrement (-1) Note If the access direction is changed by INC, XDIR, or YDIR, be sure to set the X address register (R4) and Y address register (R5) before accessing the display RAM. Table 6 −−−−3. Relationship between Functions of µµµµPD161401 and Display Mode Display Setting Main Duty Display (DTY = 0) Sub-duty Display (DTY = 1) Duty Main duty setting register (R14) Sub-duty setting register (R17) N-line inversion Main duty N-line inversion register (R15) Sub-duty N-line inversion register (R18) M-line shift Main duty M-line shift register (R16) Sub-duty M-line shift register (R19) VLCD adjustment Power system control register 2 (R53) VRR3 to VRR0 Power system control register 2 (R53) SVR3 to SVR0 Bias value Power system control register 3 (R54) BIS2 to BIS0 Power system control register 3 (R54) SBIS to SBIS0 Number of boosting steps Power system control register 4 (R55) MBT2 to MBT0 Power system control register 4 (R55) SBT2 to SBT0 Electronic volume Main electronic volume register (R57) Sub-electronic volume register (R58) Grayscale data setting Main R grayscale data register (R65 to R72) Main G grayscale data register (R73 to R80) Main B grayscale data register (R81 to R84) Sub R grayscale data register (R85 to R92) Sub G grayscale data register (R93 to R100) Sub B grayscale data register (R101 to R104) Default (default value of reset command) D7 D6 D5 D4 D3 D2 D1 D0 0 Note 0 Note 0000 Note 0 or 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |