Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56004/D Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
1-18
DSP56004/D, Rev. 3
MOTOROLA
Signal/Connection Descriptions
On-Chip Emulation (OnCETM) Port
DR
Input
Input
Debug Request (DR)
—The debug request input provides a
means of entering the Debug mode of operation. This signal,
when asserted (pulled low), will cause the DSP to finish the
current instruction being executed, to save the instruction
pipeline information, to enter the Debug mode, and to wait
for commands to be entered from the debug serial input line.
While the DSP is in the Debug mode, the user can reset the
OnCE port controller by asserting DR, waiting for an
acknowledge pulse on DSO, and then deasserting DR. It
may be necessary to reset the OnCE port controller in cases
where synchronization between the OnCE port controller
and external circuitry is lost. Asserting DR when the DSP is
in the Wait or the Stop mode, and keeping it asserted until
an acknowledge pulse in the DSP is produced, puts the DSP
into the Debug mode. After receiving the acknowledge
pulse, DR must be deasserted before sending the first OnCE
port command. For more information, see Methods Of
Entering The Debug Mode in the DSP56000 Family
Manual.
Note:
If the OnCE port is not in use, an external pull-up resistor
should be attached to the DR line.
Table 1-12
On-Chip Emulation Port Signals (Continued)
Signal
Name
Signal
Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com