Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56004/D Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 82Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
4-6
DSP56004/D, Rev. 3
MOTOROLA
Design Considerations
Power-Up Considerations
POWER-UP CONSIDERATIONS
To power-up the device properly, ensure that the following conditions are met:
•
Stable power is applied to the device according to the specifications in Table
2-3
(DC Electrical Characteristics).
•
The external clock oscillator is active and stable.
•
RESET is asserted according to the specifications in Table 2-7 (Reset, Stop,
Mode Select, and Interrupt Timing).
•
The following input pins are driven to valid voltage levels: DR, PINIT,
MODA, MODB, and MODC.
Care should be taken to ensure that the maximum ratings for all input voltages obey
the restrictions on Table 2-1 (Maximum Ratings), at all phases of the power-up
procedure. This may be achieved by powering the external clock, hardware reset, and
mode selection circuits from the same power supply that is connected to the power
supply pins of the chip.
At the beginning of the hardware reset procedure, the device might consume
significantly more current than the specified typical supply current. This is because of
contentions among the internal nodes being affected by the hardware reset signal
until they reach their final hardware reset state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com