Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56004/D Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
2-18
DSP56004/D, Rev. 3
MOTOROLA
Specifications
External Memory Interface (EMI) SRAM Timing
98 RD Deassertation to Data
Not Valid (Data Hold Time)
tOHZ
0
0—0—
0
—
ns
99 Address Valid to WR
Deassertation
tCW, tAW 3 × TC + TL –14 +
Ws
× T
C
56
—
39
—
29.2
—
ns
100 Data Setup Time to WR
Deassertation
tDS (tDW)TC + TL – 5 +
Ws
× T
C
25
—
18
—
11.0
—
ns
101 Data Hold Time from WR
Deassertation
tDH
TH – 6
4—2—
0.2
—
ns
102 WR Assertion to Data Valid
—
TH + 4
—
14
—
12
—
10.2
ns
103 WR Deassertation to Data
high impedance1
—TH + 10
—
20
—
18
—
16.2
ns
104 WR Assertion to Data
Active
—TH – 6
4—2—
0.2
—
ns
Note:
1.
This value is periodically sampled and not 100% tested.
Figure 2-13 SRAM Read Cycle
Table 2-10
External Memory Interface (EMI) SRAM Timing
No.
Characteristics
Symbol
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min Max
MA0–MA14
MA15/MCS3
MA16/MCS2/MCAS
MA17/MCS1/MRAS
MCS0
RD
WR
Data In
MD0–MD7
91
92
94
93
95
94
98
97
96
AA0267
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com