Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56004/D Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
2-26
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Serial Host Interface (SHI) SPI Protocol Timing
163 First SCK Edge to
HREQ In Not Asserted
(HREQ In Hold Time)
master
0
0—0—
0
—
ns
Note:
1.
For an Internal Clock frequency below 33 MHz, the minimum permissible Internal Clock to Serial Clock
frequency ratio is 4:1. For an Internal Clock frequency above 33 MHz, the minimum permissible Internal Clock
to Serial Clock frequency ratio is 6:1.
2.
In CPHA = 1 mode, the SPI slave supports data transfers at tSPICC = 3 × TC, if the user assures that the HTX
is written at least TC ns before the first edge of SCK of each word.In CPHA = 1 mode, the SPI slave
supports data transfers at tSPICC = 3 × TC, if the user assures that the HTX is written at least TC ns before
the first edge of SCK of each word.
3.
When CPHA = 1, the SS line may remain active low between successive transfers.
4.
Periodically sampled, not 100% tested
Figure 2-17 SPI Master Timing (CPHA = 0)
Table 2-12
Serial Host Interface (SHI) SPI Protocol Timing (Continued)
No.
Characteristics
Mode
Filter
Mode
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min
Max
SS
(Input)
SCK (CPOL = 0)
(Output)
SCK (CPOL = 1)
(Output)
MISO
(Input)
Valid
MOSI
(Output)
MSB
Valid
LSB
MSB
LSB
HREQ
(Input)
141
142
143
144
144
141
144
144
143
142
148
149
149
148
152
153
163
161
AA0271
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com