Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56004/D Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
2-8
DSP56004/D, Rev. 3
MOTOROLA
Specifications
RESET, Stop, Mode Select, and Interrupt Timing
Figure 2-3 Operating Mode Select Timing
Figure 2-4 External Interrupt Timing (Negative Edge-triggered)
Figure 2-5 External Level-sensitive Fast Interrupt Timing
Figure 2-6 Recovery from Stop State Using IRQA
Figure 2-7 Recovery from Stop State Using IRQA Interrupt Service
VIHM
VILM
VIH
VIL
RESET
MODA, MODB
MODC
VIHR
IRQA
, IRQB,
NMI
14
15
AA0252
IRQA
, IRQB,
NMI
16
16A
IRQA
, IRQB,
NMI
AA0253
General Purpose I/O
General
Purpose
I/O
(Output)
IRQA
IRQB
NMI
22
18
AA0254
IRQA
25
AA0255
IRQA
AA0256
27
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com