Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 48Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 49Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 50Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 51Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 52Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 53Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 54Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 55Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 125 page
background image
ST7LITE0x, ST7LITESx
52/125
LITE TIMER (Cont’d)
Input Capture
The 8-bit input capture register is used to latch the
free-running upcounter after a rising or falling edge
is detected on the LTIC pin. When an input capture
occurs, the ICF bit is set and the LTICR register
contains the value of the free-running upcounter.
An interrupt is generated if the ICIE bit is set. The
ICF bit is cleared by reading the LTICR register.
The LTICR is a read only register and always con-
tains the data from the last input capture. Input
capture is inhibited if the ICF bit is set.
11.1.4 Low Power Modes
11.1.5 Interrupts
Note: The TBF and ICF interrupt events are con-
nected to separate interrupt vectors (see Inter-
rupts chapter).
Timebase and IC events generate an interrupt if
the enable bit is set in the LTCSR register and the
interrupt mask in the CC register is reset (RIM in-
struction).
Figure 32. Input Capture Timing Diagram
Mode
Description
SLOW
No effect on Lite timer
(this peripheral is driven directly by
fOSC/32)
WAIT
No effect on Lite timer
ACTIVE HALT
No effect on Lite timer
HALT
Lite timer stops counting
Interrupt
Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active-
Halt
Timebase
Event
TBF
TBIE
Yes
No
Yes
IC Event
ICF
ICIE
No
04h
8-bit COUNTER
t
01h
fOSC/32
xxh
02h
03h
05h
06h
07h
04h
LTIC PIN
ICF FLAG
LTICR REGISTER
CLEARED
4µs
(@ 8 MHz fOSC)
fCPU
BY S/W
07h
READING
LTIC REGISTER
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com