Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 6Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 7Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 8Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 9Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 10Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 11Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 12Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 13Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
ST7LITE0x, ST7LITESx
10/125
REGISTER AND MEMORY MAP (Cont’d)
Figure 4. Memory Map (ST7SUPERLITE)
0000h
RAM
Flash Memory
(1K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
(see Table 2)
FFE0h
FFFFh
(see Table 6)
0100h
00FFh
Short Addressing
RAM (zero page)
64 Bytes Stack
00C0h
00FFh
0080h
00BFh
(128 Bytes)
FC00h
FBFFh
Reserved
FFDFh
0.5 Kbytes
0.5 Kbytes
SECTOR 1
SECTOR 0
1K FLASH
FFFFh
FE00h
FDFFh
FC00h
PROGRAM MEMORY
FFDEh
FFDFh
RCCR0
RCCR1
see section 7.1 on page 25
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com