Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 80Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 81Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 82Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 83Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 84Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 85Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 86Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 87Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 125 page
background image
ST7LITE0x, ST7LITESx
84/125
13.3 OPERATING CONDITIONS
13.3.1 General Operating Conditions: Suffix 6 Devices
TA = -40 to +85°C unless otherwise specified.
Figure 47. fCLKIN Maximum Operating Frequency Versus VDD Supply Voltage
Note: For further information on clock management and fCLKIN description, refer to Figure 13 in section 7
on page 25
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fOSC = 8 MHz. max.,
2.4
5.5
V
fOSC = 16 MHz. max.
3.3
5.5
fCLKIN
External clock frequency on
CLKIN pin
3.3V
≤ V
DD≤5.5V
up to 16
MHz
2.4V
≤V
DD<3.3V
up to 8
fCLKIN [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.0
2.4
3.3
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
2.7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com