Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 49Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 50Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 51Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 52Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 53Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 54Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 55Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 56Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 125 page
background image
ST7LITE0x, ST7LITESx
53/125
LITE TIMER (Cont’d)
11.1.6 Register Description
LITE TIMER CONTROL/STATUS REGISTER
(LTCSR)
Read / Write
Reset Value: 0x00 0000 (x0h)
Bit 7 = ICIE Interrupt Enable.
This bit is set and cleared by software.
0: Input Capture (IC) interrupt disabled
1: Input Capture (IC) interrupt enabled
Bit 6 = ICF Input Capture Flag.
This bit is set by hardware and cleared by software
by reading the LTICR register. Writing to this bit
does not change the bit value.
0: No input capture
1: An input capture has occurred
Note: After an MCU reset, software must initialise
the ICF bit by reading the LTICR register
Bit 5 = TB Timebase period selection.
This bit is set and cleared by software.
0: Timebase period = tOSC * 8000 (1ms @ 8 MHz)
1: Timebase period = tOSC * 16000 (2ms @ 8
MHz)
Bit 4 = TBIE Timebase Interrupt enable.
This bit is set and cleared by software.
0: Timebase (TB) interrupt disabled
1: Timebase (TB) interrupt enabled
Bit 3 = TBF Timebase Interrupt Flag.
This bit is set by hardware and cleared by software
reading the LTCSR register. Writing to this bit has
no effect.
0: No counter overflow
1: A counter overflow has occurred
Bit 2 = WDGRF Force Reset/ Reset Status Flag
This bit is used in two ways: it is set by software to
force a watchdog reset. It is set by hardware when
a watchdog reset occurs and cleared by hardware
or by software. It is cleared by hardware only when
an LVD reset occurs. It can be cleared by software
after a read access to the LTCSR register.
0: No watchdog reset occurred.
1: Force a watchdog reset (write), or, a watchdog
reset occurred (read).
Bit 1 = WDGE Watchdog Enable
This bit is set and cleared by software.
0: Watchdog disabled
1: Watchdog enabled
Bit 0 = WDGD Watchdog Reset Delay
This bit is set by software. It is cleared by hard-
ware at the end of each tWDG period.
0: Watchdog reset not delayed
1: Watchdog reset delayed
LITE
TIMER
INPUT
CAPTURE
REGISTER
(LTICR)
Read only
Reset Value: 0000 0000 (00h)
Bit 7:0 = ICR[7:0] Input Capture Value
These bits are read by software and cleared by
hardware after a reset. If the ICF bit in the LTCSR
is cleared, the value of the 8-bit up-counter will be
captured when a rising or falling edge occurs on
the LTIC pin.
Table 13. Lite Timer Register Map and Reset Values
70
ICIE
ICF
TB
TBIE
TBF
WDGR WDGE WDGD
70
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
Address
(Hex.)
Register
Label
76543
210
0B
LTCSR
Reset Value
ICIE
0
ICF
x
TB
0
TBIE
0
TBF
0
WDGRF
0
WDGE
0
WDGD
0
0C
LTICR
Reset Value
ICR7
0
ICR6
0
ICR5
0
ICR4
0
ICR3
0
ICR2
0
ICR1
0
ICR0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com