Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 88Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 89Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 90Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 91Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 92Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 93Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 94Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 95Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 125 page
background image
ST7LITE0x, ST7LITESx
92/125
13.5 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA.
13.5.1 General Timings
13.5.2 External Clock Source
Notes:
1. Guaranteed by Design. Not tested in production.
2. Data based on typical application software.
3. Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles needed to fin-
ish the current instruction execution.
4. Data based on design simulation and/or technology characteristics, not tested in production.
Figure 60. Typical Application with an External Clock Source
Symbol
Parameter 1)
Conditions
Min
Typ 2)
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time 3)
tv(IT) = ∆tc(INST) + 10
fCPU=8MHz
10
22
tCPU
1.25
2.75
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCLKINH
CLKIN input pin high level voltage
see Figure 60
0.7xVDD
VDD
V
VCLKINL
CLKIN input pin low level voltage
VSS
0.3xVDD
tw(CLKINH)
tw(CLKINL)
CLKIN high or low time 4)
15
ns
tr(CLKIN)
tf(CLKIN)
CLKIN rise or fall time 4)
15
IL
CLKIN Input leakage current
VSS≤VIN≤VDD
±1
µA
CLKIN
fOSC
EXTERNAL
ST72XXX
CLOCK SOURCE
VCLKINL
VCLKINH
tr(CLKIN)
tfCLKIN)
tw(CLKINH)
tw(CLKINL)
IL
90%
10%
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com