Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE811 Datasheet(PDF) 49 Page - STMicroelectronics

Part # PE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PE811 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PE811 Datasheet HTML 45Page - STMicroelectronics PE811 Datasheet HTML 46Page - STMicroelectronics PE811 Datasheet HTML 47Page - STMicroelectronics PE811 Datasheet HTML 48Page - STMicroelectronics PE811 Datasheet HTML 49Page - STMicroelectronics PE811 Datasheet HTML 50Page - STMicroelectronics PE811 Datasheet HTML 51Page - STMicroelectronics PE811 Datasheet HTML 52Page - STMicroelectronics PE811 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
STMPE811
Temperature sensor
Doc ID 14489 Rev 5
49/66
12
Temperature sensor
The STMPE811 internal temperature sensor can be used as a reference for compensation
of the touchscreen parameters. Temperature measurement is optimised for temperature
from 0
° C to 85 ° C.
TEMP_CTRL
Temperature sensor setup
Address:
0x60
Type:
R/W
Reset:
0x00
Description:
Temperature sensor setup
Table 17.
Touchscreen parameters
Address
Register name
Bit
Function
0x60
TEMP_CTRL
8
Temperature sensor setup
0x61
TEMP_DATA
16
Temperature data access port
0x63
TEMP_TH
16
Threshold for temperature controlled interrupt
765
4
3
2
1
0
RESERVED
THRES_RANGE
THRES_EN
ACQ_MOD
ACQ
ENABLE
[7:5] RESERVED
[4] THRES_RANGE:
'0' assert interrupt if temperature is >= threshold
'1' assert interrupt if otherwise
[3] THRES_EN: temperature threshold enable
[2] ACQ_MOD:
'0' to acquire temperature for once only
'1' to acquire temperature every 10mS
[1] ACQ
[0] ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com