Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE811 Datasheet(PDF) 61 Page - STMicroelectronics

Part # PE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PE811 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PE811 Datasheet HTML 57Page - STMicroelectronics PE811 Datasheet HTML 58Page - STMicroelectronics PE811 Datasheet HTML 59Page - STMicroelectronics PE811 Datasheet HTML 60Page - STMicroelectronics PE811 Datasheet HTML 61Page - STMicroelectronics PE811 Datasheet HTML 62Page - STMicroelectronics PE811 Datasheet HTML 63Page - STMicroelectronics PE811 Datasheet HTML 64Page - STMicroelectronics PE811 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
STMPE811
Package mechanical data
Doc ID 14489 Rev 5
61/66
Table 25.
Package mechanical data for QFN16 (3x3x 1 mm) - 0.50 pitch
Symbol
Millimeters
Min
Typ
Max
A
0.800.901.00
A1
−
0.02
0.05
A3
−
0.20
−
b
0.180.250.30
D
2.853.003.15
D1
−
1.50
−
D2
See exposed pad variation
E
2.853.003.15
E1
−
1.50
−
E2
See exposed pad variation
e
0.450.500.55
L
0.300.400.50
ddd
−−
0.05
Table 26.
Exposed pad variation
Symbol
Millimeters
Min
Typ
Max
D2
1.70
1.80
1.90
E2
1.70
1.80
1.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com