Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE811 Datasheet(PDF) 56 Page - STMicroelectronics

Part # PE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PE811 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PE811 Datasheet HTML 52Page - STMicroelectronics PE811 Datasheet HTML 53Page - STMicroelectronics PE811 Datasheet HTML 54Page - STMicroelectronics PE811 Datasheet HTML 55Page - STMicroelectronics PE811 Datasheet HTML 56Page - STMicroelectronics PE811 Datasheet HTML 57Page - STMicroelectronics PE811 Datasheet HTML 58Page - STMicroelectronics PE811 Datasheet HTML 59Page - STMicroelectronics PE811 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Maximum rating
STMPE811
56/66
Doc ID 14489 Rev 5
14.1
Recommended operating conditions
Table 20.
Power consumption
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Vcc
Core supply voltage
Vio >= Vcc
1.65
−
3.6
V
VIO
I/O supply voltage
1.65
−
3.6
V
ICC-active
Core supply current
Touchscreen
controller at 100 Hz
sampling
VCC=1.8
− 3.3 V
−
0.5
1.0
µA
IIO-active
I/O supply current
Touchscreen
controller at 100 Hz
sampling
VIO =1.8 V
−
0.8
1.2
mA
IIO-active
I/O supply current
Touchscreen
controller at 100 Hz
sampling
VIO =3.3 V
−
2.0
2.8
mA
ICC-
hibernate
Core supply current
Hibernate state, no
I2C/SPI activity
VCC =1.8 V
−
0.5
1
µA
IIO-hibernate I/O supply current
Hibernate state, no
I2C/SPI activity
VIO =1.8
− 3.3 V
−
0.5
1
µA
Hibernate state, no
I2C/SPI activity
VIO =3.3 V
−
1.0
3.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com