Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE811 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PE811 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PE811 Datasheet HTML 3Page - STMicroelectronics PE811 Datasheet HTML 4Page - STMicroelectronics PE811 Datasheet HTML 5Page - STMicroelectronics PE811 Datasheet HTML 6Page - STMicroelectronics PE811 Datasheet HTML 7Page - STMicroelectronics PE811 Datasheet HTML 8Page - STMicroelectronics PE811 Datasheet HTML 9Page - STMicroelectronics PE811 Datasheet HTML 10Page - STMicroelectronics PE811 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
STMPE811
Pin configuration and functions
Doc ID 14489 Rev 5
7/66
2
Pin configuration and functions
Figure 2.
STMPE811 pin configuration (top through view)
Table 2.
Pin assignments
Pin
Name
Function
1
Y-
Y-/GPIO-7
2
INT
Interrupt output (VCC domain), open drain
3
A0/Data Out
I2C address in Reset, Data out in SPI mode (VCC domain)
4SCLK
I2C/SPI clock (VCC domain)
5SDAT
I2C data/SPI CS (VCC domain)
6VCC
1.8
−3.3 V supply voltage
7
Data in
SPI Data In (VCC domain)
8
IN0
IN0/GPIO-0
9IN1
IN1/GPIO-1/MODE
In RESET state, MODE selects the type of serial interface
"0" - I2C
"1" - SPI
10
GND
Ground
11
IN2
IN2/GPIO-2
12
IN3
IN3/GPIO-3
13
X+
X+/GPIO-4
14
Vio
Supply for touchscreen driver and GPIO
15
Y+
Y+/GPIO-5
16
X-
X-/GPIO-6
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
STMPE811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com