Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE811 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PE811 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PE811 Datasheet HTML 6Page - STMicroelectronics PE811 Datasheet HTML 7Page - STMicroelectronics PE811 Datasheet HTML 8Page - STMicroelectronics PE811 Datasheet HTML 9Page - STMicroelectronics PE811 Datasheet HTML 10Page - STMicroelectronics PE811 Datasheet HTML 11Page - STMicroelectronics PE811 Datasheet HTML 12Page - STMicroelectronics PE811 Datasheet HTML 13Page - STMicroelectronics PE811 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
I2C interface
STMPE811
10/66
Doc ID 14489 Rev 5
4
I2C interface
The addressing scheme of STMPE811 is designed to allow up to 2 devices to be connected
to the same I2C bus.
Figure 4.
STMPE811 I2C interface
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and be followed by the slave device address. Accompanying the slave device
address, is a read/write bit (R/W). The bit is set to 1 for read and 0 for write operation. If a
match occurs on the slave device address, the corresponding device gives an acknowledge
on the SDA during the 9th bit time. If there is no match, it deselects itself from the bus by not
responding to the transaction.
Figure 5.
I2C timing diagram
Table 6.
I2C address
ADDR0
Address
00 x 82
10 x 88
ADDR0
SCLK
SDAT
SCLK
SDAT
GND
VCC
STMPE811
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com