Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA406_0607 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATMEGA406_0607
Description  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 65Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 66Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 67Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 68Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 69Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 70Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 71Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 72Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 263 page
background image
69
2548E–AVR–07/06
ATmega406
Table 13-4 and Table 13-5 relates the alternate functions of Port A to the overriding signals
shown in Figure 13-5 on page 66.
Table 13-4.
Overriding Signals for Alternate Functions in PA7:PA4
Signal Name
PA7/INT3/
PCINT7
PA6/INT2/
PCINT6
PA5/INT1/
PCINT5
PA4/ADC4
INT0/PCINT4
PUOE
0
000
PUOV
0
000
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
000
PVOV
0
000
PTOE
–
–––
DIEOE
INT3 ENABLE
INT2 ENABLE
INT1 ENABLE
INT0 ENABLE
DIEOV
INT3 ENABLE
INT2 ENABLE
INT1 ENABLE
INT0 ENABLE
DI
INT3 INPUT/
PCINT7 INPUT
INT2 INPUT/
PCINT6 INPUT
INT1 INPUT/
PCINT5 INPUT
INT0 INPUT/
PCINT4 INPUT
AIO
–
–
–
ADC4 INPUT
Table 13-5.
Overriding Signals for Alternate Functions in PA3:PA0
Signal Name
PA3/ADC3/
PCINT3
PA2/ADC2/
PCINT2
PA1/ADC1/
PCINT1
PA0/ADC0/
PCINT0
PUOE
00
00
PUOV
00
00
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
PTOE
––
––
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
PCINT3 INPUT
PCINT2 INPUT
PCINT1 INPUT
PCINT0 INPUT
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com