Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA406_0607 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATMEGA406_0607
Description  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 67Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 68Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 69Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 70Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 71Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 72Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 73Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 74Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 263 page
background image
71
2548E–AVR–07/06
ATmega406
• TMS/PCINT10 – Port B, Bit 2
TMS, JTAG Test Mode Select: This pin is used for navigating through the TAP-controller state
machine. When the JTAG interface is enabled, this pin can not be used as an I/O pin.
PCINT10, Pin Change Interrupt Source 10. The PB2 pin can serve as external interrupt source
to the MCU.
• TDI/PCINT9 – Port B, Bit 1
TDI, JTAG Test Data Input: Serial input data to be shifted in the Instruction Register or Data
Register (scan chains). When the JTAG Interface is enabled, this pin can not be used as I/O pin.
PCINT9, Pin Change Interrupt Source 9. The PB1 pin can serve as external interrupt source to
the MCU.
• TDO/PCINT8 – Port B, Bit 0
TDO, JTAG Test Data Output: Serial output data from Instruction Register or Data Register.
When the JTAG Interface is enabled, this pin can not be used as an I/O pin.
PCINT8, Pin Change Interrupt Source 8. The PB0 pin can serve as external interrupt source to
the MCU.
Table 13-7 and Table 13-8 relate the alternate functions of Port B to the overriding signals
shown in Figure 13-5 on page 66.
Table 13-7.
Overriding Signals for Alternate Functions in PB7:PB4
Signal Name
PB7/OCOB/
PCINT15
PB6/OCOA/
PCINT14
PB5/
PCINT13
PB4/
PCINT12
PUOE
0
000
PUOV
0
000
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC0B Enable
OC0A Enable
0
PVOV
OC0B
OC0A
0
PTOE
–
–––
DIEOE
0
000
DIEOV
0
000
DI
PCINT15 INPUT
PCINT14 INPUT
PCINT13 INPUT
PCINT12 INPUT
AIO
–
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com