Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43USB325E-AC Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 68Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 69Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 70Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 71Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 72Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 73Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 74Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 75Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
72
3355C–USB–4/05
AT43USB325
8.3
Endpoint Registers
8.3.1
Hub Endpoint 0 Control Register – HENDP0_CR
8.3.2
Function Endpoint 0 Control Register – FENDP0_CR
• Bit 7 – EPEN: Endpoint Enable
0 = Disable endpoint
1 = Enable endpoint
• Bit 6..4 – Reserved
These bits are reserved in the AT43USB325 and will read as zero.
• Bit 3 – DTGLE: Data Toggle
Identifies DATA0 or DATA1 packets. This bit will automatically toggle and requires clearing by
the firmware only in certain special circumstances.
• Bit 2 – EPDIR: Endpoint Direction
0 = Out
1 = In
• Bit 1, 0 – EPTYPE: Endpoint Type
These bits must be programmed as 0, 0.
Bit
7
6
543
2
1
0
$1FE7
EPEN
–
–
–
DTGLE
EPDIR
EPTYPE1
EPTYPE0
HENDP0_CR
$24 ($44)
EPEN
–
–
–
DTGLE
EPDIR
EPTYPE1
EPTYPE0
FENDP0_CR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com