Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43USB325E-AC Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 55Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 56Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 57Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 58Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 59Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 60Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 61Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 62Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
59
3355C–USB–4/05
AT43USB325
7.4
Port D
Port D is a 7-bit bi-directional I/O port.
Three I/O memory address locations are allocated for the Port D, one each for the Data Register
- PORTD, $12($32), Data Direction Register - DDRD, $11($31) and the Port D Input Pins -
PIND, $10($30). The Port D Input Pins address is read only, while the Data Register and the
Data Direction Register are read/write. Some Port D pins have alternate functions as shown in
the following table:
When the pins are used for the alternate function the DDRD and PORTD register has to be set
according to the alternate function description.
7.4.1
Port D Data Register – PORTD
7.4.2
Port D Data Direction Register – DDRD
7.4.3
Port D Input Pins Address – PIND
The Port D Input Pins address (PIND) is not a register, and this address enables access to the
physical value on each Port D pin. When reading PORTD, the Port D Data Latch is read, and
when reading PIND, the logical values present on the pins are read.
Table 7-2.
Port D Pins Alternate Functions
Port Pin
Alternate Function
PD1
T1 (Timer/Counter1 External Counter Input)
PD3
INT1 (External Interrupt 1 Input)
PD4
INTA (External Interrupt A Input)
PD5
INTB (External Interrupt B Input)
PD6
INTC (External Interrupt C Input)
PD7
INTD (External Interrupt D Input)
Bit
7
6
5
4
3
2
1
0
$12 ($32)
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
–
PORTD1
PORTD0
PORTD
Read/Write
R/W
R/W
R/W
R/W
R/W
–
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$11 ($31)
DDD7
DDD6
DDD5
DDD4
DDD3
–
DDD1
DDD0
DDRD
Read/Write
R/W
R/W
R/W
R/W
R/W
–
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$10 ($30)
PIND7
PIND6
PIND5
PIND4
PIND3
–
PIND1
PIND0
PIND
Read/Write
R
R
R
R
R
–
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com