Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43USB325E-AC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 7Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 8Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 9Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 10Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 11Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 12Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 13Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 14Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
11
3355C–USB–4/05
AT43USB325
between the two versions is with respect to the serial EEPROM interface pins, GPIO PF[0:3].
The differences are:
3.4
SPI Serial EEPROM Interface (AT43USB325E Only)
The AT43USB325E is designed to interface directly with a synchronous serial peripheral inter-
face (SPI) SEEPROM such as the Atmel AT25HP256/512. All instructions, addresses and data
are transferred with the MSB first and start with a high-to-low SSN transition.
Note:
The SPI port of the AT43USB325E at PF[0:3] is dedicated for program memory downloading only.
It cannot be accessed by the firmware program.
Figure 3-1.
AT43USB325E Read Sequence
3.4.1
Read Sequence
1.
The AT43USB325E asserts its SSN output pin and outputs a 3 MHz clock at SCK. It
continues to activate SCK until the completion of the read process.
2.
The AT43USB325E transmits the READ opcode (= 0000011) through its MOSI, fol-
lowed by the 16-bit byte address to be read, x0000. Please note that the
AT43USB325E will send a 16-byte address only. SEEPROM with SPI that requires a
24-bit address cannot be used with the AT43USB325E.
3.
The SEEPROM then shifts out the data through its MISO pin.
4.
The AT43USB325E de-asserts SCK and SSN after 16K bytes data read is complete.
Figure 3-2.
READ Timing
Port F Pins
AT43USB325E
AT43USB325M
PF0
Slave Select Pin – Its output will be asserted (low) during
downloading of firmware and will stay de-asserted (high) after
download is completed.
NC (No connect)
PF1, PF2, PF3
Functions as serial EEPROM interface signals during
downloading and as GPIO pins after download is completed.
GPIO
AT43USB325E
AT25HP256
SSN
MOSI
MISO
SCK
1
2
3
4
5
6
7
8
9
10112021222324252627282930
0
2
0
1
3
4
5
6
7
0
1
2
3
13
14
15
...
DATA OUT
MSB
HIGH IMPEDANCE
INSTRUCTION
BYTE ADDRESS
SCK
MOSI
MISO
SSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com