Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43USB325E-AC Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 32Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 33Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 34Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 35Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 36Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 37Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 38Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 39Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
36
3355C–USB–4/05
AT43USB325
4.13.5
Suspend/Resume Register – SPRSR
• Bit 7 – INTD: External Interrupt D
The INTD bit is set when an external interrupt at the INTD pin is detected.
• Bit 6 – INTC: External Interrupt C
The INTC bit is set when an external interrupt at the INTC pin is detected.
• Bit 5 – INTB: External Interrupt B
The INTB bit is set when an external interrupt at the INTB pin is detected.
• Bit 4 – INTA: External Interrupt A
The INTA bit is set when an external interrupt at the INTA pin is detected.
Note:
INTA/B/C/D cannot be used to wake up the AT43USB325 from the suspend state.
• Bit 3 – BUS INT: USB Bus Interrupt
When the USB reset separation feature is enabled (= SPRSIE and SPRSMSK bits 3 are set
to 1) the BUS INT bit is set when USB bus reset is detected by the USB hardware.
• Bit 2 – FRWUP: Function Remote Wakeup
The USB hardware sets this bit to signal that a key depression is detected indicating remote
wakeup. An interrupt is generated if the FRWUP IE bit of the SPRSIE register is set.
• Bit 1 – RSM: Resume
The USB hardware sets this bit when a USB resume signaling is detected at any of its port
except Port 1. An interrupt is generated if the RSM IE bit of the SPRSIE register is set.
• Bit 0 – GLB SUSP: Global Suspend
The USB hardware sets this bit when a USB global suspend signaling is detected. An interrupt is
generated if the GLBSUSP IE bit of the SPRSIE register is set.
Bit
7
6
5
4
3
2
1
0
$1FFA
INTD
INTC
INTB
INTA
BUS INT
FRWUP
RSM
GLB SUSP
SPRSR
Read/Write
R
R
R
R
R/W
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com