Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 15Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 16Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 17Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 18Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 19Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 20Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 21Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 22Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 212 page
background image
3
4109J–8051–10/06
AT8xC51SND1C
6.1.3
External Bus Cycles
This section describes the bus cycles the AT80C51SND1C executes to fetch code (see
Figure 6-4) in the external program/code memory.
External memory cycle takes 6 CPU clock periods. This is equivalent to 12 oscillator clock peri-
ods in standard mode or 6 oscillator clock periods in X2 mode. For further information on X2
mode see section “Clock “.
For simplicity, the accompanying figure depicts the bus cycle waveforms in idealized form and
does not provide precise timing information.
For bus cycling parameters refer to the ‘AC-DC parameters’ section.
Figure 6-4.
External Code Fetch Waveforms
6.2
ROM Memory Architecture
As shown in Figure 6-5 the AT83SND1C ROM memory is composed of one space detailed in
the following paragraph.
Figure 6-5.
AT83SND1C Memory Architecture
6.2.1
User Space
This space is composed of a 64K Bytes ROM memory programmed during the manufacturing
process. It contains the user’s application code.
6.3
Flash Memory Architecture
As shown in Figure 6-6 the AT89C51SND1C Flash memory is composed of four spaces detailed
in the following paragraphs.
ALE
P0
P2
PSEN
PCL
PCH
PCH
PCL
D7:0
D7:0
PCH
D7:0
CPU Clock
FFFFh
64K Bytes
ROM Memory
0000h
User



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com