Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 30Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 31Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 32Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 33Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 34Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 35Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 36Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 37Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 212 page
background image
34
4109J–8051–10/06
AT8xC51SND1C
MP3DAT
ACh
MP3 Data
MPD7
MPD6
MPD5
MPD4
MPD3
MPD2
MPD1
MPD0
MP3ANC
ADh
MP3 Ancillary Data
AND7
AND6
AND5
AND4
AND3
AND2
AND1
AND0
MP3VOL
9Eh
MP3 Audio Volume Control Left
-
-
-
VOL4
VOL3
VOL2
VOL1
VOL0
MP3VOR
9Fh
MP3 Audio Volume Control
Right
-
-
-
VOR4
VOR3
VOR2
VOR1
VOR0
MP3BAS
B4h
MP3 Audio Bass Control
-
-
-
BAS4
BAS3
BAS2
BAS1
BAS0
MP3MED
B5h
MP3 Audio Medium Control
-
-
-
MED4
MED3
MED2
MED1
MED0
MP3TRE
B6h
MP3 Audio Treble Control
-
-
-
TRE4
TRE3
TRE2
TRE1
TRE0
MP3CLK
EBh
MP3 Clock Divider
-
-
-
MPCD4
MPCD3
MPCD2
MPCD1
MPCD0
Table 27. MP3 Decoder SFRs (Continued)
Mnemonic
Add
Name
76543210
Table 28. Audio Interface SFRs
Mnemonic
Add
Name
76543210
AUDCON0
9Ah
Audio Control 0
JUST4
JUST3
JUST2
JUST1
JUST0
POL
DSIZ
HLR
AUDCON1
9Bh
Audio Control 1
SRC
DRQEN
MSREQ
MUDRN
-
DUP1
DUP0
AUDEN
AUDSTA
9Ch
Audio Status
SREQ
UDRN
AUBUSY
-----
AUDDAT
9Dh
Audio Data
AUD7
AUD6
AUD5
AUD4
AUD3
AUD2
AUD1
AUD0
AUDCLK
ECh
Audio Clock Divider
-
-
-
AUCD4
AUCD3
AUCD2
AUCD1
AUCD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com