Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 16Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 17Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 18Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 19Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 20Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 21Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 22Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 23Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 212 page
background image
4
4109J–8051–10/06
AT8xC51SND1C
Figure 6-6.
AT89C51SND1C Memory Architecture
6.3.1
User Space
This space is composed of a 64K Bytes Flash memory organized in 512 pages of 128 Bytes. It
contains the user’s application code.
This space can be read or written by both software and hardware modes.
6.3.2
Boot Space
This space is composed of a 4K Bytes Flash memory. It contains the boot loader for In-System
Programming and the routines for In Application Programming.
This space can only be read or written by hardware mode using a parallel programming tool.
6.3.3
Hardware Security Space
This space is composed of one Byte: the Hardware Security Byte (HSB see Table 23) divided in
2 separate nibbles. The MSN contains the X2 mode configuration bit and the Boot Loader Jump
Bit as detailed in Section “Boot Memory Execution”, page 5 and can be written by software while
the LSN contains the lock system level to protect the memory content against piracy as detailed
in Section “Hardware Security System”, page 4 and can only be written by hardware.
6.3.4
Extra Row Space
This space is composed of 2 Bytes:
•
The Software Boot Vector (SBV, see Table 24).
This Byte is used by the software boot loader to build the boot address.
•
The Software Security Byte (SSB, see Table 25).
This Byte is used to lock the execution of some boot loader commands.
6.4
Hardware Security System
The AT89C51SND1C implements three lock bits LB2:0 in the LSN of HSB (see Table 23) pro-
viding three levels of security for user’s program as described in Table 23 while the AT83SND1C
is always set in read disabled mode.
Level 0 is the level of an erased part and does not enable any security feature.
Level 1 locks the hardware programming of both user and boot memories.
FFFFh
64K Bytes
Flash Memory
0000h
Hardware Security
User
4K Bytes
Flash Memory
FFFFh
F000h
Boot
Extra Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com