Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 28Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 29Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 30Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 31Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 32Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 33Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 34Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 35Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 212 page
background image
32
4109J–8051–10/06
AT8xC51SND1C
7.
Special Function Registers
The Special Function Registers (SFRs) of the AT8xC51SND1C derivatives fall into the catego-
ries detailed in Table 20 to Table 36. The relative addresses of these SFRs are provided
together with their reset values in Table 37. In this table, the bit-addressable registers are identi-
fied by Note 1.
Note:
1. ENBOOT bit is only available in AT89C51SND1C product.
Table 20. C51 Core SFRs
Mnemonic
Add
Name
76543210
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack Pointer
DPL
82h
Data Pointer Low Byte
DPH
83h
Data Pointer High Byte
Table 21. System Management SFRs
Mnemonic
Add
Name
76543210
PCON
87h
Power Control
SMOD1
SMOD0
-
-
GF1
GF0
PD
IDL
AUXR
8Eh
Auxiliary Register 0
-
EXT16
M0
DPHDIS
XRS1
XRS0
EXTRAM
AO
AUXR1
A2h
Auxiliary Register 1
-
-
ENBOOT(
1)
-GF3
0
-
DPS
NVERS
FBh
Version Number
NV7
NV6
NV5
NV4
NV3
NV2
NV1
NV0
Table 22. PLL and System Clock SFRs
Mnemonic
Add
Name
76543210
CKCON
8Fh
Clock Control
-------
X2
PLLCON
E9h
PLL Control
R1
R0
-
-
PLLRES
-
PLLEN
PLOCK
PLLNDIV
EEh
PLL N Divider
-
N6
N5
N4
N3
N2
N1
N0
PLLRDIV
EFh
PLL R Divider
R9
R8
R7
R6
R5
R4
R3
R2
Table 23. Interrupt SFRs
Mnemonic
Add
Name
76543210
IEN0
A8h
Interrupt Enable Control 0
EA
EAUD
EMP3
ES
ET1
EX1
ET0
EX0
IEN1
B1h
Interrupt Enable Control 1
-
EUSB
-
EKB
EADC
ESPI
EI2C
EMMC
IPH0
B7h
Interrupt Priority Control High 0
-
IPHAUD
IPHMP3
IPHS
IPHT1
IPHX1
IPHT0
IPHX0
IPL0
B8h
Interrupt Priority Control Low 0
-
IPLAUD
IPLMP3
IPLS
IPLT1
IPLX1
IPLT0
IPLX0
IPH1
B3h
Interrupt Priority Control High 1
-
IPHUSB
-
IPHKB
IPHADC
IPHSPI
IPHI2C
IPHMMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com