Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTUL Datasheet HTML 49Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 50Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 51Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 52Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 53Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 54Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 55Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 56Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 212 page
background image
53
4109J–8051–10/06
AT8xC51SND1C
Figure 10-1. Timer 0 and Timer 1 Clock Controller and Symbols
10.3
Timer 0
Timer 0 functions as either a Timer or event Counter in four modes of operation. Figure 10-2
through Figure 10-8 show the logical configuration of each mode.
Timer 0 is controlled by the four lower bits of TMOD register (see Table 51) and bits 0, 1, 4 and
5 of TCON register (see Table 50). TMOD register selects the method of Timer gating (GATE0),
Timer or Counter operation (C/T0#) and mode of operation (M10 and M00). TCON register pro-
vides Timer 0 control functions: overflow flag (TF0), run control bit (TR0), interrupt flag (IE0) and
interrupt type control bit (IT0).
For normal Timer operation (GATE0 = 0), setting TR0 allows TL0 to be incremented by the
selected input. Setting GATE0 and TR0 allows external pin INT0 to control Timer operation.
Timer 0 overflow (count rolls over from all 1s to all 0s) sets TF0 flag generating an interrupt
request.
It is important to stop Timer/Counter before changing mode.
10.3.1
Mode 0 (13-bit Timer)
Mode 0 configures Timer 0 as a 13-bit Timer which is set up as an 8-bit Timer (TH0 register) with
a modulo 32 prescaler implemented with the lower five bits of TL0 register (see Figure 10-2).
The upper three bits of TL0 register are indeterminate and should be ignored. Prescaler overflow
increments TH0 register. Figure 10-3 gives the overflow period calculation formula.
Figure 10-2. Timer/Counter x (x = 0 or 1) in Mode 0
PER
CLOCK
TIM0
CLOCK
OSC
CLOCK
0
1
T0X2
CKCON.1
÷ 2
Timer 0 Clock
Timer 0 Clock Symbol
PER
CLOCK
TIM1
CLOCK
OSC
CLOCK
0
1
T1X2
CKCON.2
÷ 2
Timer 1 Clock
Timer 1 Clock Symbol
TIMx
CLOCK
TRx
TCON Reg
TFx
TCON reg
0
1
GATEx
TMOD Reg
÷ 6
Overflow
Timer x
Interrupt
Request
C/Tx#
TMOD Reg
THx
(8 Bits)
TLx
(5 Bits)
INTx
Tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com