Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 76Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 77Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 78Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 79Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 80Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 81Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 82Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 83Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 156 page
background image
80
AT/T89C51CC02
4126J–CAN–05/06
Working on Message Objects
The Page message object register (CANPAGE) is used to select one of the 4 message
objects. Then, message object Control (CANCONCH) and message object Status
(CANSTCH) are available for this selected message object number in the corresponding
SFRs. A single register (CANMSG) is used for the message. The mailbox pointer is
managed by the Page message object register with an auto-incrementation at the end of
each access. The range of this counter is 8.
Note that the maibox is a pure RAM, dedicated to one message object, without overlap.
In most cases, it is not necessary to transfer the received message into the standard
memory. The message to be transmitted can be built directly in the maibox. Most calcu-
lations or tests can be executed in the mailbox area which provide quicker access.
CAN Controller
Management
In order to enable the CAN Controller correctly the following registers have to be
initialized:
•
General Control (CANGCON),
•
bit Timing (CANBT 1, 2 & 3),
•
And for each page of 15 message objects:
–
Message object Control (CANCONCH),
–
Message object Status (CANSTCH).
During operation, the CAN Enable message object registers (CANEN) gives a fast over-
view of the message objects availability.
The CAN messages can be handled by interrupt or polling modes.
A message object can be configured as follows:
•
Transmit message object
•
Receive message object
•
Receive buffer message object
•
Disable
This configuration is made in the CONCH field of the CANCONCH register (See
Table 54).
When a message object is configured, the corresponding ENCH bit of CANEN register
is set.
Table 54. Configuration for CONCH1:2
When a Transmitter or Receiver action of a message object is completed, the corre-
sponding ENCH bit of the CANEN register is cleared. In order to re-enable the message
object, it is necessary to re-write the configuration in CANCONCH register.
Non-consecutive message objects can be used for all three types of message objects
(Transmitter, Receiver and Receiver buffer).
CONCH 1
CONCH 2
Type of Message Object
00
Disable
0
1
Transmitter
10
Receiver
1
1
Receiver buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com