Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 81Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 82Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 83Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 84Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 85Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 86Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 87Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 88Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 156 page
background image
85
AT/T89C51CC02
4126J–CAN–05/06
Figure 41. General Structure of a bit Period
example of bit timing determination for CAN baudrate of 500 kbit/s:
F
OSC
= 12 MHz in X1 mode => FCAN = 6MHz
Verify that the CAN baud rate you want is an integer division of FCAN clock.
FCAN/CANbaudrate = 6 MHz/500 kHz = 12
The time quanta TQ must be comprised between 8 and 25: TQ = 12 and BRP = 0
Define the various timing parameters: Tbit = Tsyns + Tprs + Tphs1 + Tphs2 =
12TQ
Tsyns = 1TQ and Tsjw =1TQ => SJW = 0
If we chose a sample point at 66.6% => Tphs2 = 4TQ => PHS2 = 3
Tbit = 12 = 4 + 1 + Tphs1 + Tprs, let us choose Tprs = 3 Tphs1 = 4
PHS1 = 3
and PRS = 2
BRP = 0 so CANBT1 = 00h
SJW = 0 and PRS = 2 so CANBT2 = 04h
PHS2 = 3 and PHS1 = 3 so CANBT3 = 36h
bit Rate Prescaler
Oscillator
1/ Fcan
Tscl
System Clock
One Nominal bit
Tsyns (*)
Tprs
Sample Point
(*) Synchronization Segment: SYNS
Tbit
Tsyns = 1xTscl (fixed)
Data
Tbit
Tsyns
Tprs
Tphs1
Tphs2
++
+
=
Tbit calculation:
Transmission Point
Tphs1 + Tsjw (3)
Tphs2 - Tsjw (4)
(1) Phase error
≤ 0
(2) Phase error
≥ 0
(3) Phase error > 0
(4) Phase error < 0
Tphs2 (2)
Tphs1 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com