Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 95Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 96Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 97Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 98Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 99Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 100Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 101Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 102Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 156 page
background image
99
AT/T89C51CC02
4126J–CAN–05/06
Table 62. CANEN Register
CANEN (S:CFh Read Only)
CAN Enable Message Object Registers
Reset Value = xxxx 0000b
Table 63. CANSIT Register
CANSIT (S:BBh Read Only) – CAN Status Interrupt Message Object Registers
Reset Value = xxxx0000b
76
54
32
1
0
-
-
-
-
ENCH3
ENCH2
ENCH1
ENCH0
Bit Number
Bit Mnemonic
Description
7 - 4
-
Reserved
The values read from these bits are indeterminate. Do not set these
bits.
3 - 0
ENCH3:0
Enable Message Object
0 - message object is disabled => the message object is free for a
new emission or reception.
1 - message object is enabled.
This bit is resetable by re-writing the CANCONCH of the
corresponding message object.
76
54
32
1
0
-
-
-
-
SIT3
SIT2
SIT1
SIT0
Bit Number
Bit Mnemonic
Description
7 - 4
-
Reserved
The values read from these bits are indeterminate. Do not set these
bits.
3 - 0
SIT3:0
Status of Interrupt by Message Object
0 - no interrupt.
1 - IT turned on. Reset when interrupt condition is cleared by user.
SIT3:0 = 0b 0000 1001 -> IT’s on message objects 3 & 0.
See Figure 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com