Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 92Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 93Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 94Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 95Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 96Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 97Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 98Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 99Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 156 page
background image
96
AT/T89C51CC02
4126J–CAN–05/06
Table 58. CANGIT Register
CANGIT (S:9Bh)
CAN General Interrupt
Note:
1. This field is Read Only.
Reset Value = 0x00 0000b
76
54
32
1
0
CANIT
-
OVRTIM
OVRBUF
SERG
CERG
FERG
AERG
Bit Number
Bit Mnemonic
Description
7CANIT
General interrupt flag
(1)
This status bit is the image of all the CAN controller interrupts sent
to the interrupt controller.
It can be used in the case of the polling method.
6-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
5OVRTIM
Overrun CAN Timer
This status bit is set when the CAN timer switches 0xFFFF to
0x0000.
If the bit ETIM in the IE1 register is set, an interrupt is generated.
Clear this bit in order to reset the interrupt.
4
OVRBUF
Overrun BUFFER
0 - no interrupt.
1 - IT turned on
This bit is set when the buffer is full.
bit resetable by user.
See Figure 39.
3
SERG
Stuff Error General
Detection of more than five consecutive bits with the same polarity.
This flag can generate an interrupt. resetable by user.
2CERG
CRC Error General
The receiver performs a CRC check on each destuffed received
message from the start of frame up to the data field.
If this checking does not match with the destuffed CRC field, a
CRC error is set.
This flag can generate an interrupt. resetable by user.
1FERG
Form Error General
The form error results from one or more violations of the fixed form
in the following bit fields:
CRC delimiter
acknowledgment delimiter
end_of_frame
This flag can generate an interrupt. resetable by user.
0
AERG
Acknowledgment Error General
No detection of the dominant bit in the acknowledge slot.
This flag can generate an interrupt. resetable by user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com