Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 50Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 51Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 52Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 53Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 54Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 55Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 56Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 57Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 156 page
background image
54
AT/T89C51CC02
4126J–CAN–05/06
Registers
Table 33. SCON Register
SCON (S:98h)
Serial Control Register
Reset Value = 0000 0000b
bit addressable
76
54
32
1
0
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Bit
Number
Bit
Mnemonic
Description
7
FE
Framing Error bit (SMOD0 = 1)
Clear to reset the error state, not cleared by a valid stop bit.
Set by hardware when an invalid stop bit is detected.
SM0
Serial port Mode bit 0 (SMOD0 = 0)
Refer to SM1 for serial port mode selection.
6SM1
Serial port Mode bit 1
SM0 SM1
Mode
Baud Rate
0
0
Shift Register F
XTAL/12 (or FXTAL/6 in mode X2)
0
1
8-bit UART
Variable
1
0
9bit UART
FXTAL/64 or FXTAL/32
1
1
9bit UART
Variable
5SM2
Serial port Mode 2 bit/Multiprocessor Communication Enable bit
Clear to disable multiprocessor communication feature.
Set to enable multiprocessor communication feature in mode 2 and 3.
4REN
Reception Enable bit
Clear to disable serial reception.
Set to enable serial reception.
3TB8
Transmitter bit 8/Ninth bit to Transmit in Modes 2 and 3
Clear to transmit a logic 0 in the 9th bit.
Set to transmit a logic 1 in the 9th bit.
2RB8
Receiver bit 8/Ninth bit Received in Modes 2 and 3
Cleared by hardware if 9th bit received is a logic 0.
Set by hardware if 9th bit received is a logic 1.
1TI
Transmit Interrupt Flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0 or at the beginning of the
stop bit in the other modes.
0RI
Receive Interrupt Flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0, See Figure 22. and
Figure 23. in the other modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com