Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 100Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 101Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 102Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 103Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 104Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 105Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 106Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 107Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 156 page
background image
104
AT/T89C51CC02
4126J–CAN–05/06
Table 70. CANSTCH Register
CANSTCH (S:B2h) – CAN Message Object Status Register
Note:
See Figure 39.
No default value after reset.
76
54
32
1
0
DLCW
TXOK
RXOK
BERR
SERR
CERR
FERR
AERR
Bit Number
Bit Mnemonic
Description
7DLCW
Data Length Code Warning
The incoming message does not have the DLC expected.
Whatever the frame type, the DLC field of the CANCONCH register
is updated by the received DLC.
6TXOK
Transmit OK
The communication enabled by transmission is completed.
When the controller is ready to send a frame, if two or more
message objects are enabled as producers, the lower index
message object (0 to 13) is supplied first. Must be cleared by
software.
This flag can generate an interrupt.
5RXOK
Receive OK
The communication enabled by reception is completed.
In the case of two or more message object reception hits, the lower
index message object (0 to 13) is updated first. Must be cleared by
software.
This flag can generate an interrupt.
4BERR
bit Error (only in transmission)
The bit value monitored is different from the bit value sent.
Exceptions:
the monitored recessive bit sent as a dominant bit during the
arbitration field and the acknowledge slot detecting a dominant bit
during the sending of an error frame. Must be cleared by software.
This flag can generate an interrupt.
3SERR
Stuff Error
Detection of more than five consecutive bits with the same polarity.
Must be cleared by software.
This flag can generate an interrupt.
2CERR
CRC Error
The receiver performs a CRC check on each destuffed received
message from the start of frame up to the data field.
If this checking does not match with the destuffed CRC field, a
CRC error is set. Must be cleared by software.
This flag can generate an interrupt.
1FERR
Form Error
The form error results from one or more violations of the fixed form
in the following bit fields:
CRC delimiter
acknowledgment delimiter
end_of_frame
Must be cleared by software.
This flag can generate an interrupt.
0AERR
Acknowledgment Error
No detection of the dominant bit in the acknowledge slot. Must be
cleared by software.
This flag can generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com