Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 107Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 108Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 109Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 110Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 111Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 112Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 113Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 114Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 156 page
background image
111
AT/T89C51CC02
4126J–CAN–05/06
Table 86. CANIDM4 Register for V2.0 Part B
CANIDM4 for V2.0 Part B (S:C7h)
CAN Identifier Mask Registers 4
Note:
The ID Mask is only used for reception.
No default value after reset.
Table 87. CANMSG Register
CANMSG (S:A3h)
CAN Message Data Register
No default value after reset.
76
54
32
1
0
IDMSK 4
IDMSK 3
IDMSK 2
IDMSK 1
IDMSK 0
RTRMSK
-
IDEMSK
Bit Number
Bit Mnemonic
Description
7 - 3
IDMSK4:0
IDentifier Mask Value
0 - comparison true forced.
1 - bit comparison enabled.
See Figure 43.
2RTRMSK
Remote transmission request Mask Value
0 - comparison true forced.
1 - bit comparison enabled.
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0IDEMSK
IDentifier Extension Mask Value
0 - comparison true forced.
1 - bit comparison enabled.
76
54
32
1
0
MSG 7
MSG 6
MSG 5
MSG 4
MSG 3
MSG 2
MSG 1
MSG 0
Bit Number
Bit Mnemonic
Description
7 - 0
MSG7:0
Message Data
This register contains the mailbox data byte pointed at the page
message object register.
After writing in the page message object register, this byte is equal
to the specified message location (in the mailbox) of the pre-
defined identifier + index. If auto-incrementation is used, at the end
of the data register writing or reading cycle, the mailbox pointer is
auto-incremented. The range of the counting is 8 with no end loop
(0, 1,..., 7, 0,...)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com