Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 123Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 124Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 125Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 126Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 127Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 128Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 129Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 130Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 156 page
background image
127
AT/T89C51CC02
4126J–CAN–05/06
Figure 52. ADC Description
Figure 53 shows the timing diagram of a complete conversion. For simplicity, the figure
depicts the waveforms in idealized form and do not provide precise timing information.
For ADC characteristics and timing parameters refer to the section “AC Characteristics”
of this datasheet.
Figure 53. Timing Diagram
Note:
Tsetup min, see the AC Parameter for A/D conversion.
Tconv = 11 clock ADC = 1sample and hold + 10-bit conversion
The user must ensure that Tsetup time between setting ADEN and the start of the first conversion.
ADC Converter
Operation
A start of single A/D conversion is triggered by setting bit ADSST (ADCON.3).
After completion of the A/D conversion, the ADSST bit is cleared by hardware.
The end-of-conversion flag ADEOC (ADCON.4) is set when the value of conversion is
available in ADDH and ADDL, it must be cleared by software. If the bit EADC (IEN1.1) is
set, an interrupt occur when flag ADEOC is set (See Figure 55). Clear this flag for re-
arming the interrupt.
Note:
Always leave Tsetup time before starting a conversion unless ADEN is permanently
high. In this case one should wait Tsetup only before the first conversion
Rai
AN0/P1.0
AN1/P1.1
AN2/P1.2
AN3/P1.3
AN4/P1.4
AN5/P1.5
AN6/P1.6
AN7/P1.7
000
001
010
011
100
101
110
111
SCH2
ADCON.2
SCH0
ADCON.0
SCH1
ADCON.1
ADC
CLOCK
ADEN
ADCON.5
ADSST
ADCON.3
ADEOC
ADCON.4
ADC
Interrupt
Request
EADC
IEN1.1
CONTROL
AVSS
Sample and Hold
ADDH
VAREF
R/2R DAC
VAGND
8
10
+
-
ADDL
2
SAR
ADCIN
Cai
ADEN
ADSST
ADEOC
TSETUP
TCONV
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com