Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 129Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 130Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 131Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 132Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 133Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 134Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 135Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 136Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 156 page
background image
133
AT/T89C51CC02
4126J–CAN–05/06
Each of the interrupt sources can be individually enabled or disabled by setting or clear-
ing a bit in the Interrupt Enable register. This register also contains a global disable bit
which must be cleared to disable all the interrupts at the same time.
Each interrupt source can also be individually programmed to one of four priority levels
by setting or clearing a bit in the Interrupt Priority registers. The Table below shows the
bit values and priority levels associated with each combination.
Table 108. Priority Level bit Values
A low-priority interrupt can be interrupted by a high priority interrupt but not by another
low-priority interrupt. A high-priority interrupt cannot be interrupted by any other interrupt
source.
If two interrupt requests of different priority levels are received simultaneously, the
request of the higher priority level is serviced. If interrupt requests of the same priority
level are received simultaneously, an internal polling sequence determines which
request is serviced. Thus within each priority level there is a second priority structure
determined by the polling sequence, See Table 109.
Table 109. Interrupt Priority Within Level
IPH.x
IPL.x
Interrupt Level Priority
0
0
0 (Lowest)
01
1
10
2
11
3 (Highest)
Interrupt Name
Interrupt Address Vector
Interrupt Number
Polling Priority
External interrupt (INT0)
0003h
1
1
Timer0 (TF0)
000Bh
2
2
External interrupt (INT1)
0013h
3
3
Timer 1 (TF1)
001Bh
4
4
PCA (CF or CCFn)
0033h
7
5
UART (RI or TI)
0023h
5
6
Timer 2 (TF2)
002Bh
6
7
CAN (Txok, Rxok, Err or OvrBuf)
003Bh
8
8
ADC (ADCI)
0043h
9
9
CAN Timer Overflow (OVRTIM)
004Bh
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com