Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 139Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 140Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 141Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 142Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 143Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 144Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 145Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 146Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 156 page
background image
143
AT/T89C51CC02
4126J–CAN–05/06
AC Parameters
Serial Port Timing - Shift
Register Mode
Table 116. Symbol Description (F = 40 MHz)
Table 118. AC Parameters for a Variable Clock
Symbol
Parameter
TXLXL
Serial port clock cycle time
TQVHX
Output data set-up to clock rising edge
TXHQX
Output data hold after clock rising edge
TXHDX
Input data hold after clock rising edge
TXHDV
Clock rising edge to input data valid
Table 117. AC Parameters for a Fix Clock (F = 40 MHz)
Symbol
Min
Max
Units
TXLXL
300
ns
TQVHX
200
ns
TXHQX
30
ns
TXHDX
0ns
TXHDV
117
ns
Symbol
Type
Standard
Clock
X2 Clock
x parameter
for -M range
Units
TXLXL
Min
12 T
6 T
ns
TQVHX
Min
10 T - x
5 T - x
50
ns
TXHQX
Min
2 T - x
T - x
20
ns
TXHDX
Min
x
x
0
ns
TXHDV
Max
10 T - x
5 T- x
133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com