Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIA5AX Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # ADA3200DIA5AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA5AX Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button ADA3200DIA5AX Datasheet HTML 39Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 40Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 41Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 42Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 43Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 44Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 45Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 46Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
43
AMD Athlon™ 64 Processor
The notes for this table appear on page 48.
Parameter/OPN
Notes
Tcase M ax
1, 13
Tcontrol M ax
2
Tambient
Thermal Resistance (case-amb)
Thermal Profile
14
Max P-S tate
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #1
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #2
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #3
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #4
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #5
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Intermediate P-S tate #6
11
VID_VDD
3
IDD M ax
Thermal Design Power
4
Min P-S tate
VID_VDD
3
IDD M ax
Thermal Design Power
4
Halt/S top Grant
IDDC1 Max @ Max P-State
5
IDDC1 Max @ Min P-State
6
I/O Power
8, 12
S3
7
I/O Power
7, 9, 12
1.350 V
1.400 V
B
65°C
70°C
42°C
49°C
to
65°C
to
70°C
42°C
70°C
42°C
500 mW
19.3 A
4.2 A
2.9 W
1000 MHz
1.100 V
22.4 A
27.5 W
N/A
N/A
N/A
N/A
1800 MHz
1.300 V
39.9 A
54.8 W
2000 MHz
1.350 V
45.8 A
64.7 W
ADA3500DAA4BP
0.34°C/W
2200 MHz
47.5 A
67.0 W
500 mW
19.3 A
4.2 A
2.9 W
1.100 V
23.4 A
28.6 W
1000 M Hz
N/A
N/A
N/A
N/A
1.350 V
45.8 A
64.7 W
N/A
ADA3200DAA4BP
0.34°C/W
2000 M Hz
47.5 A
1800 M Hz
500 mW
19.3 A
4.2 A
2.9 W
1.100 V
24.3 A
29.6 W
1000 MHz
N/A
N/A
N/A
N/A
ADA3000DAA4BP
0.34°C/W
67.0 W
1.350 V
1.400 V
to
65°C
49°C
49°C
1.400 V
47.5 A
67.0 W
N/A
N/A
1.350 V
1800 MHz
BB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com