Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200DIA5AX Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # ADA3200DIA5AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA5AX Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button ADA3200DIA5AX Datasheet HTML 74Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 75Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 76Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 77Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 78Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 79Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 80Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 81Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
78
AMD Turion™ 64 Mobile Technology
The notes for this table appear on page 79.
Parameter/OPN
Notes
M odel Number
CPUID 8000_0001h EBX [11:6]
(BrandID)
1
CPUID 8000_0001h EAX [31:0]
(CPUID)
1
FID/VID Status M axVID Field
2
FID/VID Status M axFID Field
2
FID/VID Status StartVID Field
2
FID/VID Status StartFID Field
2
AltVID Code / VID_VDD
3, 4, 5
L2 Cache Size
Max P-S tate
VID Code / VID_VDD
4, 5
Thermal Design Power
6
Intermediate P-S tate #1
7
VID Code / VID_VDD
4, 5
Thermal Design Power
6
Intermediate P-S tate #2
7
VID Code / VID_VDD
4, 5
Thermal Design Power
6
Intermediate P-S tate #3
7
VID Code / VID_VDD
4, 5
Thermal Design Power
6
Intermediate P-S tate #4
7
VID Code / VID_VDD
4, 5
Thermal Design Power
6
Intermediate P-S tate #5
7
VID Code / VID_VDD
4, 5
Thermal Design Power
6
Intermediate P-S tate #6
7
VID Code / VID_VDD
4, 5
Thermal Design Power
6
Min P-S tate
VID Code / VID_VDD
4, 5
Thermal Design Power
6
TMS MT34BQX5LD
TMSMT37BQX5LD
M T34
MT37
00020F42h
00020F42h
0Bh
0Bh
1800 M Hz
2000 M Hz
00h
00h
1 MB
1 M B
16h
08h
0Ch
18h
0.850 V
0Ah
08h
18h
0.850 V
16h
1.200 V
1800 M Hz
0Ch
1.150 V
24.0 W
0Ah
1.200 V
0Ah
25.0 W
1600 M Hz
0Ch
1.150 V
N/A
N/A
N/A
N/A
N/A
N/A
800 M Hz
800 MHz
16h
0.900 V
16h
0.900 V
7.9 W
7.9 W
20.9 W
N/A
1600 M Hz
19.9 W
N/A
N/A
17.5 W
0Eh
1.100 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com